PART |
Description |
Maker |
EF6805P2 EF6805P6 EF6805R2 EF6805R3 EF6805U2 EF680 |
8-BIT MICROCOMPUTER UNIT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MC68705P3 MC68705P3CS MC68705P3S |
8-Bit EPROM Microcomputer Unit 8-BIT, UVPROM, 2.1 MHz, MICROCONTROLLER, CDIP28
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
HD40L4808FS HD40L4808H HD40L4808 HD407L4808FS HD40 |
4-BIT SINGLE CHIP MICROCOMPUTER UNIT
|
HITACHI[Hitachi Semiconductor]
|
HD637B01Y0 HD63701Y0 HD637A01Y0 |
CMOS 8-BIT SINGLE-CHIP MICROCOMPUTER UNIT
|
HITACHI[Hitachi Semiconductor]
|
HD6305V0 HD6305V0CP HD63B05V0 HD63B05V0CP HD63B05V |
CMOS MCU (MICROCOMPUTER UNIT) CMOS MCU (MICROCOMPUTER UNIT) 的CMOS微控制器(微机组
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
MC68HC05L10 |
HCMOS Microcomputer Unit
|
Freescale Semiconductor, Inc
|
HD6805S1 |
MCU (MICROCOMPUTER UNIT)
|
HITACHI[Hitachi Semiconductor]
|
HD6305Y1P HD6305Y1F HD6305Y2F HD6305Y2P |
0.3-7 V, CMOS microcomputer unit
|
Hitachi Semiconductor
|
HD63705V0 |
CMOS microcomputer unit
|
Hitachi Semiconductor
|
HD63B01Y0CP HD63B01Y0F HD63B01Y0H HD63B01Y0P HD63C |
CMOS MCU(MICROCOMPUTER UNIT)
|
Hitachi Semiconductor
|
HD637B01Y0C |
0.3-7 V, 2 MHz, CMOS microcomputer unit
|
Hitachi Semiconductor
|